PART |
Description |
Maker |
200NS 200NSR |
Standard Recovery Diodes Standard Recovery Diodes (Stud and Flat Base Type)
|
Naina Semiconductor Naina Semiconductor ltd...
|
APT30DS60B04 APT30DS60B APT30DS60S APT30DS60SG |
MOSFET Fast Recovery Epitaxial Diode; Package: D3 [S]; IO (A): 20; VR (V): 600; trr (nsec): 17; VF (V): 3.2; Qrr (nC): 180; 20 A, 600 V, SILICON, RECTIFIER DIODE 2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
|
Microsemi, Corp. Advanced Power Technology
|
FMX-G26S FMX-G16S FMD-G26S |
Ultra-Fast-Recovery Rectifier Diodes (600 to 1000V) Ultra-Fast-Recovery Rectifier Diodes 10 A, 600 V, SILICON, RECTIFIER DIODE, TO-220
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd.
|
302U010A 302U020A 302U030A 302U10A 302U60A 302UR02 |
STANDARD RECOVERY DIODES 50V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 400V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 100V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 1000V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 600V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 200V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 320 x 240 pixel format, CFL backlight available with power harness STANDARD RECOVERY DIODES 标准恢复二极
|
IRF[International Rectifier] International Rectifier, Corp.
|
NKD600 |
Standard Diodes, 600 A
|
Nell Semiconductor Co., Ltd Nell Semiconductor Co.,...
|
DSEP29-06B DSEP29-06A DSEP29-06AS |
HiPerFREDTM Epitaxial Diode with soft recovery 30 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC Fast Recovery Diodes
|
IXYS, Corp. IXYS[IXYS Corporation] http://
|
PF501 PF50107 PF502 |
50Amp Standard Recovery Rectifier 50 to 600 Volts
|
Micro Commercial Components
|
FMC-28U |
Ultra-Fast-Recovery Rectifier Diodes (600 to 1000V)
|
Sanken
|
45LR60 150KR60A |
STANDARD RECOVERY DIODES
|
IRF[International Rectifier]
|
D2500D D2500D12 D2500D16 D2500D20 |
Standard Recovery Diodes
|
Nell Semiconductor Co.,...
|
47LF160D 45LF160D 48LF160D |
STANDARD RECOVERY DIODES
|
International Rectifier
|